PART |
Description |
Maker |
89LV1632RPQK-30 |
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM 512K X 32 MULTI DEVICE SRAM MODULE, 30 ns, CQFP68 16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM 16兆位12k × 32的位)低压亿立方米的SRAM
|
Maxwell Technologies, Inc
|
S29CD016G0JQFA212 S29CD032G0MFAA102 S29CD016G0MQAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION
|
S29CD016J0JDGH114 S29CD016J1JDGH037 S29CD016J1MDGH |
16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, UUC74
|
Spansion, Inc. SPANSION LLC
|
33C408 33C408RPFI-30 33C408RTFI-30 33C408RTFB-25 3 |
4 Megabit (512K x 8-Bit) CMOS SRAM 512K X 8 STANDARD SRAM, 25 ns, DFP32 4 Megabit (512K x 8-Bit) CMOS SRAM 512K X 8 STANDARD SRAM, 20 ns, DFP32 4 Megabit (512K x 8-Bit) CMOS SRAM 512K X 8 STANDARD SRAM, 30 ns, DFP32
|
http:// Maxwell Technologies, Inc
|
EN29LV800CB-70TI EN29LV800CB-70TIP EN29LV800CB-70B |
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
|
Eon Silicon Solution Inc.
|
EN29F040A- EN29F040A EN29F040A-55TC EN29F040A-70JC |
4 Megabit (512K x 8-bit) Flash Memory
|
ETC[ETC] Eon Silicon Solution Inc.
|
79C0408RT4FH12 79C0408RT4FH15 79C0408RT4FH20 79C04 |
4 megabit (512k x 8-bit) EEPROM MCM
|
Maxwell Technologies
|
AM29LV400B-100WAC AM29LV400B-100WACB AM29LV400B-10 |
PTSE 6C 6#20 SKT RECP Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Metal; Series:MS C-26482 Series I; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No FEEDTHRU CAPACITOR, 470PF 4A 100VFEEDTHRU CAPACITOR, 470PF 4A 100V; Capacitance:0.47nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, CAP 0.47UF 50V 50-20% X7R SMD-0612 TR-7 PLATED-NI/SN HC-FEEDTHRU PTSE 3C 3#20 PIN RECP 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 100 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 150 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 90 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
89LV1632RPQK-30 89LV1632 89LV1632RPQE-30 89LV1632R |
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
|
MAXWELL[Maxwell Technologies]
|
MBM29LV004TC-12 MBM29LV004TC-90PNS MBM29LV004TC-70 |
4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 120 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 70 ns, PDSO40 4M (512K X 8) BIT 512K X 8 FLASH 3V PROM, 90 ns, PDSO40 IC, LN PWR DC2DC CONVERT 48VDC-5VDC 1.2A MFR 4M (512K X 8) BIT
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|